データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RPMS24 データシート(PDF) 1 Page - Tycon Systems, Inc.

部品番号 RPMS24
部品情報  MobileSolarPro®
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TYCONSYSTEMS [Tycon Systems, Inc.]
ホームページ  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

RPMS24 データシート(HTML) 1 Page - Tycon Systems, Inc.

  RPMS24 Datasheet HTML 1Page - Tycon Systems, Inc. RPMS24 Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MobileSolarPro®
Features
• Low Cost Complete Mobile Solar Remote Power Solution for Off-
Grid operation. Fully Assembled. Sets up in minutes.
• Weatherproof Outdoor Locking Enclosure with High Performance
Sealed Lead Acid Battery. Thermostatically Controlled Ventilation.
• Up to 1440W Solar Capacity – Supports up to 315W continuous
power with 6 Hrs. Peak Sun. Heavy Duty galvanized 360° adjustable
solar mount with10-65deg tilt. 25Year Solar Panel Warranty.
• MPPT Temperature Compensated Solar Charge Controller: 60A
Solar, 30A Load, 99% Efficiency.
• Complete Remote Monitoring and Control – Email Alerts and
Manual/Automatic Reboot. Monitor Solar Voltage & Current, Battery
Voltage & Current, Load Current, Temperature. Disconnect Load
Power.
• Pneumatic Four Position (9ft, 12ft, 15ft, 18ft) Locking Aluminum
Extension Mast for up to 110lb load. Raises fully in about 90
seconds using the integrated air pump.
• Regulated 12VDC, 56VDC and Un-regulated 24VDC Output at Top of Mast. Includes surge
protected Gigabit 5 port PoE Layer 2 Switch with one 90W 802.3bt PoE Port, three 802.3at PoE+ Ports
and one 24V Passive PoE Port, all at top of pole. Dual CAT5 connections between top of mast and
battery enclosure.
• Protected and Secured Wiring to deter vandals.
• Dual Charging. Convenient Backup Generator or Grid Power Port. Charge batteries using solar or
AC power.
• Locking 2" Ball Hitch Tongue Lock. Four spring actuated extending (36" Max) support jacks.
• Room for Second Enclosure on Most Models for tool storage or additional battery capacity.
• Chrome Wheels, Leaf Spring Suspension, Aluminum
Diamond Plate Decking, Powder Coated Welded Steel
Tube Construction.
• Solar Panel Cover and Ratchet Straps for secure travel
protection, Included.
• Options: Tycon BreezePro® Wind Turbine Kit, second
frame mounted aluminum enclosure, light kit, guy line kit,
second battery bank and larger solar array.
Applications
• Construction Sites
• Surveillance Cameras
• Concerts and Festivals
• Temporary Security
• Off Grid Power
• Parking Lots
• Temporary Remote Lighting
• Emergency Power
• Agriculture
DATA SHEET
RPMS24 Series
*Truck not included


同様の部品番号 - RPMS24

メーカー部品番号データシート部品情報
logo
Rohm
RPMS2401-H19 ROHM-RPMS2401-H19 Datasheet
99Kb / 3P
Ultra-compact Surface Mount Remote Control Photoreceiver Module
More results

同様の説明 - RPMS24

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Advantech Co., Ltd.
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
Advantech Co., Ltd.
SKY-TESL-A100-80P ADVANTECH-SKY-TESL-A100-80P Datasheet
205Kb / 1P
NVIDIA® Tesla® A100 80GB
13-Sep-2022
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com