| データシートサーチシステム |
|
CYPAS213 データシート(PDF) 26 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYPAS213 データシート(HTML) 26 Page - Infineon Technologies AG |
|
26 / 34 page ![]() Datasheet 26 002-37178 Rev. *B 2023-10-10 EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller Ordering information 5 Ordering information 5.1 Ordering code definitions Table 7 EZ-PD™ PAG2S-PS ordering information MPN Application Package type Si ID Si Rev CYPAS213A1-24SXQ USB PD adapter - Primary side flyback control 24-pin SOIC 3B02 A1 CYPAS213A1-24SXQT CYPAS213A1-32LQXQ 32-pin QFN 3B12 CYPAS213A1-32LQXQT Number of pins in the package Application and feature combination designation Marketing code: PA = Power adapter Company ID: CY = CYPRESS (an Infineon company) Package type: LQ = QFN; S = SOIC X = Pb-free Temperature range: Q = Extended industrial (-40ºC to +105ºC) CY PA X XX XX XX X X - X T = Tape and reel XX Si Rev XX ES (optional field) = Pre-production engineering samples only. Non orderable. S Product type: S = Secondary side controller Product type: 2 = Second-generation product family |