データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCE-MPC15 データシート(PDF) 1 Page - PCE Instruments.

部品番号 PCE-MPC15
部品情報  Air Sampler PCE-MPC 15
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PCE [PCE Instruments.]
ホームページ  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MPC15 データシート(HTML) 1 Page - PCE Instruments.

  PCE-MPC15 Datasheet HTML 1Page - PCE Instruments. PCE-MPC15 Datasheet HTML 2Page - PCE Instruments. PCE-MPC15 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Air Sampler PCE-MPC 15
Air sampler for indicative measurement / Adjustable alarm limits / Data logger /
Micro USB charging interface / Measuring range 0 ... 1000 µg/m³ / Mass concentration /
Approx. 9 hours of battery life / 3.2" color display / Carrying case / 1/4" tripod connection
The air sampler is used in offices, workshops or in laboratories to carry out indicative measurements of the environmental conditions. In
addition to the number of particles, the particle counter determines the mass concentration of PM2.5 and PM10 in the measuring range 0 …
1000 µg/m³. In addition, the temperature and the ambient humidity are measured. With the alarm limit function, limit values for PM2.5 can be
set on the particle counter.
During a measurement it is possible to record the measured valueswith the air sampler. A memory with a storage capacity of approx. 12
measurement runs, each with 999 measurement points, is available for the particle counter. The interval can be set at different times on the
particle counter.
The 8 Wh battery can be charged via the micro USB interface. The battery used in the air sampler enables an operating time of approx. 9 hours.
Thus, the particle counter can carry out measurements over an entire working day before it has to be recharged. Since the battery is not
permanently installed in the particle counter, it can be easily replaced.
Data storage for data logging
Adjustable alarm when limit value is exceeded
Transport case for safe transport
Suitable for indicative measurements
Measuring range 0 ... 1000 µm/m³
Interface: Micro USB only for charging


同様の部品番号 - PCE-MPC15

メーカー部品番号データシート部品情報
logo
PCE Instruments.
PCE-MPC10 PCE-PCE-MPC10 Datasheet
368Kb / 2P
Air Sampler PCE-MPC 10
More results

同様の説明 - PCE-MPC15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9823 AD-AD9823 Datasheet
401Kb / 8P
Correlated Double Sampler (CDS)
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Analog Devices
AD9823 AD-AD9823_15 Datasheet
408Kb / 8P
Correlated Double Sampler
REV. 0
logo
API Technologies Corp
MPC APITECH-MPC Datasheet
142Kb / 2P
61-MPC Series
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
logo
Lapp.
55502460 LAPP-55502460 Datasheet
121Kb / 2P
SILVYN® MPC-M
03.07.2018
55502470 LAPP-55502470 Datasheet
123Kb / 2P
SILVYN® MPC
03.07.2018
55502486 LAPP-55502486 Datasheet
113Kb / 2P
SILVYN® MPC 90°
03.07.2018
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com