データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCE-MPC25 データシート(PDF) 2 Page - PCE Instruments.

部品番号 PCE-MPC25
部品情報  Air Sampler PCE-MPC 25
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PCE [PCE Instruments.]
ホームページ  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MPC25 データシート(HTML) 2 Page - PCE Instruments.

  PCE-MPC25 Datasheet HTML 1Page - PCE Instruments. PCE-MPC25 Datasheet HTML 2Page - PCE Instruments. PCE-MPC25 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Mass concentration
 
Measurable particle sizes
PM2.5 / PM10
Measuring range PM 2.5
0 ... 1000 µg/m³
Resolution
1 µm
Accuracy PM 2.5
0 ... 100 µg/m³: ±10 µg/m³
 
101 ... 1000 µg/m³: ±10% of measured value
 
 
Particle counter
 
Measurable particle sizes
0.3 / 0.5 / 1.0 / 2.5 / 5.0 and 10 µm
Resolution
1 µm
Accuracy
reference measurement
Number of maximum
particles
2,000,000 particles/L
 
 
Temperature
 
Measuring range
-10 ... 60 °C, 14 ... 140 °F
Resolution
0.01 °C, °F
Accuracy
±2 °C, ±3.6 °F
 
 
Humidity (RH)
 
Measuring range
0 ... 100 %
Resolution
0.01 %
Accuracy
±3 %
 
 
Further specifications
 
Response time
1 second
Warm up
10 seconds
Mounting connection
1/4" tripod connection
Dimensions intake
outside: Ø13 mm / 0.51"
 
inside: Ø7 mm / 0.27"
 
height: 35 mm / 1.37"
 
 
Display
3.2" LC color display
Power supply (mains
adapter)  
primary: 100 ... 240 V AC, 50 / 60Hz, 0.3 A
 
secondary: 5 V DC, 2 A
Power supply (battery)
3.7 V, 8.14 Wh, 18650
Battery life
ca. 9 hours
Interface
Micro USB for charging and for data transfer to a
PC
Auto power off
turned off
 
15, 30, 45 minutes
 
1, 2, 4, 8 hours
More information
Manual
More product info
Similar products



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com