データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC3908CSSS データシート(PDF) 40 Page - Texas Instruments

部品番号 ADC3908CSSS
部品情報  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS データシート(HTML) 40 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 36Page - Texas Instruments ADC3908CSSS Datasheet HTML 37Page - Texas Instruments ADC3908CSSS Datasheet HTML 38Page - Texas Instruments ADC3908CSSS Datasheet HTML 39Page - Texas Instruments ADC3908CSSS Datasheet HTML 40Page - Texas Instruments ADC3908CSSS Datasheet HTML 41Page - Texas Instruments ADC3908CSSS Datasheet HTML 42Page - Texas Instruments ADC3908CSSS Datasheet HTML 43Page - Texas Instruments ADC3908CSSS Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 131 page
background image
Table 6-3. Serial CMOS Lane Rate Examples with Real Decimation and 16-bit Output Resolution
Decimation
Output Resolution
Lanes
Serialization
DCLK
FCLK
Bypass
10 bits
10
1
FS
N/A
12 bits
12
1
FS
N/A
/2
16 bits
8
2
FS
FS / 4
/4
8
2
FS / 2
FS / 8
4
4
FS
FS / 8
/8
8
2
FS / 4
FS / 16
4
4
FS / 2
FS / 16
2
8
FS
FS / 16
/16
8
2
FS / 8
FS / 32
4
4
FS / 4
FS / 32
2
8
FS / 2
FS / 32
Note
16 bit resolution does not support a serialization factor of 1.
B0
B1
B6
B7
B8
B9
B14
B15
DCLK
Sample N
D11
D05
D04
D10
A15
A14
A9
A8
A7
A6
A1
A0
DDR
DEFAULT
8 Lane
2x Serializa on
B8
B9
B14
B15
B0
B1
B6
B7
A0
A1
A6
A7
DCLK
Sample N
D11
D05
D04
D10
A15
A14
A9
A8
FCLK
DDR
8 Lane
2x Serializa on
B12
B15
B4
B5
A4
A7
B0
B2
A0
A3
B8
B8
A8
A11
Sample N
D11
D05
D02
D08
A15
A12
DCLK
HDDR
8 Lane
2x Serializa on
B12
B15
B4
B5
A4
A7
B0
B2
A0
A3
B8
B8
A8
A11
Sample N
D11
D07
D04
D08
A15
A12
DCLK
SDR
8 Lane
2x Serializa on
FCLK
FCLK
FCLK
Figure 6-21. 16 Bit, 8 Lanes, 2x Serialization
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More