データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCB2421P データシート(PDF) 3 Page - NXP Semiconductors

部品番号 PCB2421P
部品情報  1K dual mode serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB2421P データシート(HTML) 3 Page - NXP Semiconductors

  PCB2421P Datasheet HTML 1Page - NXP Semiconductors PCB2421P Datasheet HTML 2Page - NXP Semiconductors PCB2421P Datasheet HTML 3Page - NXP Semiconductors PCB2421P Datasheet HTML 4Page - NXP Semiconductors PCB2421P Datasheet HTML 5Page - NXP Semiconductors PCB2421P Datasheet HTML 6Page - NXP Semiconductors PCB2421P Datasheet HTML 7Page - NXP Semiconductors PCB2421P Datasheet HTML 8Page - NXP Semiconductors PCB2421P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1997 Apr 01
3
Philips Semiconductors
Preliminary specification
1K dual mode serial EEPROM
PCB2421
1
FEATURES
• Single supply with operation 4.5 to 5.5 V
• Completely implements DDC1/DDC2B interface for
monitor identification
• Low power CMOS technology
• Two-wire I2C-bus interface
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 8 bytes
• Write-protect pin
• 100 kHz I2C-bus compatibility
• Designed for 10000 erase/write cycles minimum
• Data retention greater than 10 years
• 8-pin DIP and SO package
• Temperature range 0 to +70 °C.
2
GENERAL DESCRIPTION
The Philips PCB2421 is a 128
× 8-bit dual mode serial
Electrically Erasable PROM (EEPROM).
This device is designed for use in applications requiring
storage and serial transmission of configuration and
control information. Two modes of operation have been
implemented: transmit-only mode (DDC1 mode) and
bidirectional mode (DDC2B, or I2C-bus mode). Upon
power-up, the device will be in the transmit-only mode,
sending a serial bitstream of the entire memory array
contents, clocked by the VCLK pin. A valid HIGH-to-LOW
transition on the SCL pin will cause the device to enter the
bidirectional mode, with byte selectable read/write
capability of the memory array. The PCB2421 is available
in a standard 8-pin dual in-line and 8-pin small outline
package operating in a commercial temperature range.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCB2421P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCB2421T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24