| データシートサーチシステム |
|
PCB8517 データシート(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCB8517 データシート(HTML) 18 Page - NXP Semiconductors |
|
18 / 24 page ![]() 1997 Mar 03 18 Philips Semiconductors Objective specification Stand-alone OSD for monitor applications PCB8517 APPLICATION INFORMATION Fig.10 Application circuit. The analog power and ground pins should be separated from other circuits. (1) Only connected when half tone is applied. (2) The recommended circuit or value of components connected to VCO and BIAS could be changed in a different printed-circuit board layout. handbook, full pagewidth RED HFLB VFLB 15 5 horizontal sync from deflection circuit vertical sync from deflection circuit 10 EN 6 SDI 7 SCK MGD761 8 14 13 12 11 2 3 R, G and B video signals from PC or work station GREEN BLUE FB HTONE 5.6 k Ω 5.6 k Ω 10 k Ω 0.01 µF 0.01 µF 1 M Ω VCO(2) BIAS(2) (1) MIXER MICROCONTROLLER PCF8517 R, G and B outputs to video circuit |