データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCD3310AP データシート(PDF) 24 Page - NXP Semiconductors

部品番号 PCD3310AP
部品情報  Pulse and DTMF diallers with redial
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310AP データシート(HTML) 24 Page - NXP Semiconductors

Back Button PCD3310AP Datasheet HTML 20Page - NXP Semiconductors PCD3310AP Datasheet HTML 21Page - NXP Semiconductors PCD3310AP Datasheet HTML 22Page - NXP Semiconductors PCD3310AP Datasheet HTML 23Page - NXP Semiconductors PCD3310AP Datasheet HTML 24Page - NXP Semiconductors PCD3310AP Datasheet HTML 25Page - NXP Semiconductors PCD3310AP Datasheet HTML 26Page - NXP Semiconductors PCD3310AP Datasheet HTML 27Page - NXP Semiconductors PCD3310AP Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
1996 Nov 21
24
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
16 DEFINITIONS
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28