データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTH8R06DIRG データシート(PDF) 8 Page - STMicroelectronics

部品番号 STTH8R06DIRG
部品情報  Turbo 2 ultrafast high voltage rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R06DIRG データシート(HTML) 8 Page - STMicroelectronics

Back Button STTH8R06DIRG Datasheet HTML 4Page - STMicroelectronics STTH8R06DIRG Datasheet HTML 5Page - STMicroelectronics STTH8R06DIRG Datasheet HTML 6Page - STMicroelectronics STTH8R06DIRG Datasheet HTML 7Page - STMicroelectronics STTH8R06DIRG Datasheet HTML 8Page - STMicroelectronics STTH8R06DIRG Datasheet HTML 9Page - STMicroelectronics STTH8R06DIRG Datasheet HTML 10Page - STMicroelectronics STTH8R06DIRG Datasheet HTML 11Page - STMicroelectronics STTH8R06DIRG Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package information
STTH8R06
8/12
Table 7.
TO-220AC (NIns. & Ins. 20-up) Dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
4.80
5.40
0.189
0.212
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
M2.60
0.102
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l2
c1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12