データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS4SD16M16 データシート(PDF) 21 Page - Austin Semiconductor

部品番号 AS4SD16M16
部品情報  256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUSTIN [Austin Semiconductor]
ホームページ  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD16M16 データシート(HTML) 21 Page - Austin Semiconductor

Back Button AS4SD16M16 Datasheet HTML 17Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 18Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 19Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 20Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 21Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 22Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 23Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 24Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 25Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD16M16
Austin Semiconductor, Inc.
AS4SD16M16
Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
21
WRITE with Auto Precharge
3. Interrupted by a READ (with or without auto precharge); A
READ to bank m will interrupt a WRITE on bank n when
registered, with the data-out appearing CAS latency later. The
PRECHARGE to bank n will begin after t
WR
is met, where t
WR
begins when the READ to bank m is registered. The last valid
WRITE to bank n will be data-in registered one clock prior to
the READ to bank m (Figure 26).
4. Interrupted by a WRITE (with or without auto precharge): A
WRITE to bank m will interrupt a WRITE on bank n when
registered. The PRECHARGE to bank n will begin after t
WR
is
met, where t
WR
begins when the WRITE to bank m is registered.
The last valid data WRITE to bank n will be data registered one
clock prior to the WRITE to bank m (Figure 26).
FIGURE 26: WRITE With Auto Precharge Interrupted by a READ
FIGURE 27: WRITE With Auto Precharge Interrupted by a WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51