| データシートサーチシステム |
|
AS4LC4M16DG-6S/XT データシート(PDF) 1 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS4LC4M16DG-6S/XT データシート(HTML) 1 Page - Austin Semiconductor |
|
1 / 25 page ![]() DRAM DRAM DRAM DRAM DRAM AS4LC4M16 Austin Semiconductor, Inc. AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 1 AS4LC4M16 Rev. 1.0 7/02 4 MEG x 16 DRAM Extended Data Out (EDO) DRAM FEATURES • Single +3.3V ±0.3V power supply. • Industry-standard x16 pinout, timing, functions, and package. • 12 row, 10 column addresses • High-performance CMOS silicon-gate process • All inputs, outputs and clocks are LVTTL-compatible • Extended Data-Out (EDO) PAGE MODE access • 4,096-cycle CAS\-BEFORE-RAS\ (CBR) REFRESH distributed across 64ms • Optional self refresh (S) for low-power data retention • Level 1 Moisture Sensitivity Rating, JEDEC J-STD-020 OPTIONS MARKINGS • Package(s) 50-pin TSOP (400-mil) DG • Timing 50ns access -5 60ns access -6 • Refresh Rates Standard Refresh None Self Refresh S* • Operating Temperature Ranges Military (-55°C to +125°C) XT Industrial (-40°C to +85°C) IT NOTE: The \ symbol indicates signal is active LOW. *Contact factory for availability. Self refresh option available on IT version only. For more products and information please visit our web site at www.austinsemiconductor.com PIN ASSIGNMENT (Top View) 50-Pin TSOP (DG) Configuration 4 Meg x 16 Refresh 4K Row Address A0-A11 Column Addressing A0-A9 SPEED tRC tRAC tPC tAA tCAC tCAS -5 84ns 50ns 20ns 25ns 13ns 8ns -6 104ns 60ns 25ns 30ns 15ns 10ns KEY TIMING PARAMETERS |
同様の部品番号 - AS4LC4M16DG-6S/XT |
|
同様の説明 - AS4LC4M16DG-6S/XT |