| データシートサーチシステム |
|
PCD3755F データシート(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD3755F データシート(HTML) 19 Page - NXP Semiconductors |
|
19 / 32 page ![]() 1997 Apr 16 19 Philips Semiconductors Product specification 8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM PCD3755A; PCD3755E; PCD3755F 15 OTP PROGRAMMING The programming of the PCD3755x and PCD3756x OTPs is based on the OM4260 programmer (Ceibo MP-51), available from Philips. The OM4260 works in conjunction with various adapters supporting the different package types available as listed in Table 25. The low-voltage OTP program memory used is of Anti-Fuse-PROM type and can not be erased after programming. Thus, the complete OTP memory cannot be tested by the factory, but only partially via a special test array. The average expected yield is 97%. Detailed information on the OTP programming is available in the “PCD3755x Application Note”, which is available via your Philips Sales office. Table 25 OTP programming overview Note 1. As the OM5037 is only a socket converter, the OM5007 is also needed to program the PCD3755x/56x in the LQFP32 package. DEVICE PHILIPS TYPE NUMBER CEIBO TYPE NUMBER SUPPORTED PACKAGE Ceibo MP-51 OM4260 MP-51 programmer base − PCD3755x/56x OM5007 PCD3755A / 56A adapter DIP DIP28 PCD3755x/56x OM5030 PCD3755A / 56A adapter SO SO28 PCD3755x/56x OM5037(1) PCD3755A / 56A adapter QFP32 LQFP32 |