| データシートサーチシステム |
|
PCD3755AP データシート(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD3755AP データシート(HTML) 16 Page - NXP Semiconductors |
|
16 / 32 page ![]() 1997 Apr 16 16 Philips Semiconductors Product specification 8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM PCD3755A; PCD3755E; PCD3755F From now on, it will be assumed that AD2 to AD6 will contain the intended EEPROM page address after page setup. Table 17 Page setup; preset Table 18 Page setup; auto-incrementing 7.5.2 READ BYTE Since ADDR auto-increments after a read cycle regardless of the page boundary, successive bytes can efficiently be read by repeating the last instruction. Table 19 Read byte 7.5.3 WRITE PAGE The write cycle performs a logical OR between the data in the EEPROM latches and that in the addressed EEPROM page. INSTRUCTION RESULT MOV A, #addr address of EEPROM latch MOV ADDR, A send address to ADDR MOV A, #data load write, erase/write or erase data MOV DATR, A send data to addressed EEPROM latch INSTRUCTION RESULT MOV A, #MC2 increment mode control word MOV EPCR, A select increment mode MOV A, #baddr EEPROM Latch 0 address (AD0 = AD1 = 0) MOV ADDR, A send EEPROM Latch 0 address to ADDR MOV A, R0 load 1st byte from Register 0 MOV DATR, A send 1st byte to EEPROM Latch 0 MOV A, R1 load 2nd byte from Register 1 MOV DATR, A send 2nd byte to EEPROM Latch 1 MOV A, R2 load 3rd byte from Register 2 MOV DATR, A send 3rd byte to EEPROM Latch 2 MOV A, R3 load 4th byte from Register 3 MOV DATR, A send 4th byte to EEPROM Latch 3 INSTRUCTION RESULT MOV A, #RDADDR load read address MOV ADDR, A send address to ADDR MOV A, DATR read EEPROM data To actually copy the data from the EEPROM latches, the corresponding bytes in the page should previously have been erased. The EEPROM latches are preset as described in Section 7.5.1. The actual transfer to the EEPROM is then performed as shown in Table 20. The last instruction also starts Timer 2. The data in the EEPROM latches are ORed with that in the corresponding page bytes within 5 ms. A single-byte write is simply a special case of ‘write page’. ADDR auto-increments after the write cycle. If AD0 and AD1 addressed EEPROM Latch 3 prior to the write cycle, ADDR will point to the next EEPROM page (by bits AD2 to AD6) and to EEPROM Latch 0 (by bits AD0 and AD1). This allows efficient coding of multi-page write operations. Table 20 Write page 7.5.4 ERASE/WRITE PAGE The EEPROM latches are preset as described in Section 7.5.1. The page byte corresponding to the asserted flags (among F0 to F3) are erased and re-written with the contents of the respective EEPROM latches. The last instruction also starts Timer 2. Erasure takes 5 ms upon which Timer Register T2 reloads for another 5 ms cycle for writing. The top cycles together take 10 ms. A single-byte erase/write is simply a special event of ‘erase/write page’. ADDR auto-increments after the write cycle. If AD0 and AD1 addressed EEPROM Latch 3 prior to the write cycle, ADDR will point to the next EEPROM page (by AD2 to AD6) and to EEPROM Latch 0 (by AD0 and AD1). This allows efficient coding of multi-page erase/write operations. Table 21 Erase/write page INSTRUCTION RESULT MOV A, #EWP + MC2 ‘write page’ control word MOV EPCR, A start ‘write page’ cycle INSTRUCTION RESULT MOV A, #EWP + MC3 ‘erase/write page’ control word MOV EPCR, A start ‘erase/write page’ cycle |