| データシートサーチシステム |
|
AT91 データシート(PDF) 57 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91 データシート(HTML) 57 Page - ATMEL Corporation |
|
57 / 153 page ![]() 57 AT91X40 Series 1354D–ATARM–08/02 Note: 1. Reserved interrupt sources are not available. Corresponding registers must not be used and read 0. Table 8. AIC Interrupt Sources Interrupt Source (1) Interrupt Name Interrupt Description 0 FIQ Fast Interrupt 1 SWIRQ Software Interrupt 2 US0IRQ USART Channel 0 interrupt 3 US1IRQ USART Channel 1 interrupt 4 TC0IRQ Timer Channel 0 interrupt 5 TC1IRQ Timer Channel 1 interrupt 6 TC2IRQ Timer Channel 2 interrupt 7 WDIRQ Watchdog interrupt 8 PIOIRQ Parallel I/O Controller interrupt 9– Reserved 10 – Reserved 11 – Reserved 12 – Reserved 13 – Reserved 14 – Reserved 15 – Reserved 16 IRQ0 External interrupt 0 17 IRQ1 External interrupt 1 18 IRQ2 External interrupt 2 19 – Reserved 20 – Reserved 21 – Reserved 22 – Reserved 23 – Reserved 24 – Reserved 25 – Reserved 26 – Reserved 27 – Reserved 28 – Reserved 29 – Reserved 30 – Reserved 31 – Reserved |