データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFH7018A データシート(PDF) 21 Page - OSRAM GmbH

部品番号 SFH7018A
部品情報  The SFH 7018A & SFH 7018B feature a highly reflective QFN package for significantly increased light output.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7018A データシート(HTML) 21 Page - OSRAM GmbH

Back Button SFH7018A Datasheet HTML 15Page - OSRAM GmbH SFH7018A Datasheet HTML 16Page - OSRAM GmbH SFH7018A Datasheet HTML 17Page - OSRAM GmbH SFH7018A Datasheet HTML 18Page - OSRAM GmbH SFH7018A Datasheet HTML 19Page - OSRAM GmbH SFH7018A Datasheet HTML 20Page - OSRAM GmbH SFH7018A Datasheet HTML 21Page - OSRAM GmbH SFH7018A Datasheet HTML 22Page - OSRAM GmbH SFH7018A Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SFH 7018A
DATASHEET
DATASHEET
21 | Version 1.0 | 2023-11-09
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on our website.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of
transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we
shall have to invoice you for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
Our components are not developed, constructed or tested for the application as safety relevant component
or for the application in medical devices.
Our products are not qualified at module and system level for such application.
In case buyer – or customer supplied by buyer – considers using our components in product safety devices/
applications or medical devices/applications, buyer and/or customer has to inform our local sales partner
immediately and we and buyer and /or customer will analyze and coordinate the customer-specific request
between us and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23