データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AH503 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 AH503
部品情報  High sensitivity Unipolar Hall switch sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

AH503 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AH503 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 6Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 7Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 8Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 9Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 10Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 11Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AH503
High sensitivity Unipolar Hall switch sensor
REV1.2
06/2023
www.alfaelecs.com
西安中科阿尔法电子科技有限公司
9
14.Package Material Information
TO92S Package Size
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min
Max
Min
Max
A
1.420
1.620
0.056
0.064
A1
0.660
0.860
0.026
0.034
b
0.350
0.560
0.014
0.022
b1
0.420TYP
0.016TYP
C
0.360
0.510
0.014
0.020
D
3.900
4.100
0.154
0.162
D1
2.970
3.270
0.117
0.129
E
2.900
3.100
0.114
0.122
e
1.270TYP
0.050TYP
e1
2.540TYP
0.100TYP
L
15.500
16.200
0.610
0.638
x
2.025TYP
0.080TYP
y
1.545TYP
0.061TYP
z
0.500TYP
0.020TYP
θ
45
˚TYP
45
˚TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12