| データシートサーチシステム |
|
PCE84C486 データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCE84C486 データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 36 page ![]() 1996 Feb 21 21 Philips Semiconductors Objective specification Microcontrollers for digital auto-sync and VST TV controller applications PCE84C486; PCE84C487 9I2C-BUS INTERFACE The PCE84C48X has an on-chip I2C-bus interface that can be used in master or slave mode. Full details of the I2C-bus are given in the document “The I2C-bus and how to use it”. This document may be ordered using the code 9398 393 40011. The I2C-bus interface lines SDA and SCL share the same pins as port lines DP20 and P10 respectively. Selection of the pin function as either an I2C-bus line or a port line is achieved using the SDAE and SCLE bits in Derivative Register 22. Only port Option 2 is available for both of these pins. 10 8-BIT COUNTER (T3) The main application for this counter is in the frequency measurement of the Hsync signal. The block diagram of the 8-bit counter is shown in Fig.22. A Schmitt trigger is used at the input for noise rejection and also to shape the input signal into a square wave. The T3 input is sampled at a frequency of 1 ⁄3 × fosc by the sample clock which synchronizes the internal T3 clock and the read operation of Derivative Register 24. The rising edge of the input increments the ripple counter by 1. The contents of T3 may be read using the instruction MOV A, D24H. As soon as the data is read, the counter is reset to zero. A counter overflow or Power-on-reset also resets the counter contents to zero. If the rising and falling edges of the input pulse are less than 30 ns then the minimum pulse width that the T3 input will recognise is 3/fosc + 100 ns. If the system clock is 10 MHz then the minimum pulse width is 400 ns. In some display modes, the active pulse width of the Hsync signal can be less than 400 ns; in this situation some external application circuitry may be required. handbook, halfpage t H t L 0.9 V DD 0.1 V DD 0.1 V DD 0.9 V DD t r t r t f MGC719 t f Fig.18 T3 input waveform. Fig.19 Block diagram of the 8-bit counter (T3). handbook, full pagewidth MGC717 T3 Power-on-reset sample clock READ D24H EMU 8-BIT COUNTER RESET Q0 to Q7 CK Data bus SYNCHRONISATION CIRCUIT T3 COUNTER CONTROL CIRCUIT |