| データシートサーチシステム |
|
SRX-MP-1T1E1-R データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SRX-MP-1T1E1-R データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 11 page ![]() Features and Benefits Business Requirement Feature/Solution SRX300 Advantages High performance Up to 20 Gbps of routing and firewall performance • Best suited for small, medium and large branch office deployments • Addresses future needs for scale and feature capacity Business continuity Stateful high availability (HA), IP monitoring • Uses stateful HA to synchronize configuration and firewall sessions • Supports multiple WAN interfaces with dial-on-demand backup • Route/link failover based on real-time link performance SD-WAN Better end-user application and cloud experience and lower operational costs • ZTP simplifies remote device provisioning • Advanced Policy-Based Routing (APBR) orchestrates business intent policies across the enterprise WAN • Application quality of experience (AppQoE) measures application SLAs and improves the end-user experience • Controls and prioritizes traffic based on application and user role End-user experience WAN assurance • Complements the Juniper Secure SD-WAN solution with AI-powered automation and service levels • Provides visibility and insights into users, applications, WAN links, control, data plane, and CPU for proactive remediation Highly secure IPsec VPN, Remote Access/SSL VPN, Media Access Control Security (MACsec) • Creates secure, reliable, and fast overlay links over public internet • Employs anti-counterfeit features to protect from unauthorized hardware spares • Includes high-performance CPU with built-in hardware to assist IPsec acceleration • Provides TPM-based protection of device secrets such as passwords and certificates • Offers secure and flexible remote access SSL VPN with Juniper Secure Connect Threat protection IPS, antivirus, anti-spam, enhanced web filtering, Juniper Advanced Threat Prevention Cloud, Encrypted Traffic Insights, and Threat Intelligence Feeds • Provides real-time updates to IPS signatures and protects against exploits • Protects from zero-day attacks • Implements industry-leading antivirus and URL filtering • Integrates open threat intelligence platform with third-party feeds • Restores visibility that was lost due to encryption without the heavy burden of full TLS/SSL decryption Application visibility On-box GUI, Security Director • Application updates are provided continually provided by Juniper Threat Labs • Inspects and detects applications inside the SSL-encrypted traffic Easy to manage and scale On-box GUI, Security Director • Includes centralized management for auto-provisioning, firewall policy management, Network Address Translation (NAT), and IPsec VPN deployments, or simple, easy-to-use on-box GUI for local management Minimize TCO Junos OS • Integrates routing, switching, and security in a single device • Reduces operation expense with Junos automation capabilities SRX300 Line of Firewalls for the Branch Datasheet 4 |