| データシートサーチシステム |
|
SRX-MP-1VDSL2-R データシート(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SRX-MP-1VDSL2-R データシート(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 11 page ![]() Network Services • Dynamic Host Configuration Protocol (DHCP) client/server/ relay • Domain Name System (DNS) proxy, dynamic DNS (DDNS) • Juniper real-time performance monitoring (RPM) and IP- monitoring • Juniper flow monitoring (J-Flow)1 • Bidirectional Forwarding Detection (BFD) • Two-Way Active Measurement Protocol (TWAMP) • IEEE 802.3ah Link Fault Management (LFM) • IEEE 802.1ag Connectivity Fault Management (CFM) High Availability Features • Virtual Router Redundancy Protocol (VRRP) • Stateful high availability • Dual box clustering • Active/passive • Active/active • Configuration synchronization • Firewall session synchronization • Device/link detection • In-Band Cluster Upgrade (ICU) • Dial on-demand backup interfaces • IP monitoring with route and interface failover Management, Automation, Logging, and Reporting • SSH, Telnet, SNMP • Smart image download • Juniper CLI and Web UI • Mist AI - Simplified management - WAN Assurance • Security Director • Security Director Cloud • Juniper Secure Edge • Python • Junos OS event, commit, and OP script • Application and bandwidth usage reporting • Auto installation • Debug and troubleshooting tools • Zero-Touch Provisioning with Contrail Service Orchestration Advanced Routing Services • Packet mode • MPLS (RSVP, LDP) • Circuit cross-connect (CCC), translational cross-connect (TCC) • L2/L3 MPLS VPN, pseudowires • Virtual private LAN service (VPLS), next-generation multicast VPN (NG-MVPN) • MPLS traffic engineering and MPLS fast reroute Application Security Services1 • Application visibility and control • Application-based advanced policy-based routing • Application-based advanced policy-based routing (APBR) • Application-based link monitoring and switchover with Application quality of experience (AppQoE) Threat Defense and Intelligence Services1 • Intrusion prevention • Antivirus • Antispam • Category/reputation-based URL filtering • Protection from botnets (command and control) • Adaptive enforcement based on GeoIP • Juniper Advanced Threat Prevention to detect and block zero- day attacks • Adaptive Threat Profiling • Encrypted Traffic Insights • SecIntel to provide threat intelligence 1 Offered as advanced security services subscription licenses. SRX300 Line of Firewalls for the Branch Datasheet 6 |