| データシートサーチシステム |
|
8619 データシート(PDF) 16 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8619 データシート(HTML) 16 Page - Christian Bürkert GmbH & Co. KG |
|
16 / 20 page ![]() Type SE35 + S077 16 | 20 Visit product website Batch controller The device has 2 operating levels: • The process level • The configuration level, which includes the parameters, the test, the information and the history menus Operating level Functions Process • Starting a dosing • Indication of – The value of the main totalizers of the quantity of fluid counted – The value of the daily totalizers of the quantity of fluid counted – The value of the main totalizers of the performed dosings – The value of the daily totalizers of the performed dosings • Reset – The daily volume or mass totalizer – The daily totalizer of the performed dosings • Access to the parameters, test, information and history menus of the configuration level Configuration - parameters menu • To make the settings needed for operation: – language – engineering units (International measuring units) – K-factor/Teach-In function – Optional/dosing mode – Overfill – Alarm – Outputs – Resetting the 2 volume or mass totalizers – Resetting the 2 totalizers of the performed dosings – Resetting the history menu – Backlight Configuration - test menu • Checking: – The inputs functions – The outputs functions – The paddle-wheel operation • Monitoring: – The flow rate in the pipe – The value of the daily volume or mass totalizer – The number of performed dosings • Saving/ Restoring: – The current user configuration – The saved configuration – The default configuration of the device Configuration - history menu To consult the quantities dosed in the last 10 dosings performed Configuration - informa- tion menu To read the fault and warning messages generated |