| データシートサーチシステム |
|
T2921 データシート(PDF) 28 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
T2921 データシート(HTML) 28 Page - ITT Industries |
|
28 / 39 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 132 RF Coaxial Connectors Assembly Instructions BBAI-1041 SMZ Right Angle Connectors, Solder Contact, for Braided Cable Cable Die Size BT2001 4,52 (.178) BT2002 5,18 (.204) BT2003 6,81 (.268) BT3002 4,52 (.178) RG59B/U 6,48 (.255) RG62/U 6,48 (.255) RG140/U 6,48 (.255) RG179B/U 3,25 (.128) RG180/U 4,52 (.178) RG187A/U 3,25 (.128) RG195A/U 4,52 (.178) RD179 3,84 (.151) TZC75024 4,52 (.178) FERRULE BODY CAP 1. Trim cable to dimensions shown being careful not to nick the braid or center conductor. Tin center conductor, (DO NOT OVER TIN), then slip ferrule over cable. 2. Insert trimmed cable into tubular extension. This will slide under the braid. The center conductor will extend into the slotted contact. 3. Slip cable and ferrule up to face of body and crimp in position using ITT Cannon crimp tool and suitable die set (see table). Solder center conductor to contact. Press cap into body using a flat punch or ITT Cannon Tool T2921. |