データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF1178CU データシート(PDF) 3 Page - NXP Semiconductors

部品番号 PCF1178CU
部品情報  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1178CU データシート(HTML) 3 Page - NXP Semiconductors

  PCF1178CU Datasheet HTML 1Page - NXP Semiconductors PCF1178CU Datasheet HTML 2Page - NXP Semiconductors PCF1178CU Datasheet HTML 3Page - NXP Semiconductors PCF1178CU Datasheet HTML 4Page - NXP Semiconductors PCF1178CU Datasheet HTML 5Page - NXP Semiconductors PCF1178CU Datasheet HTML 6Page - NXP Semiconductors PCF1178CU Datasheet HTML 7Page - NXP Semiconductors PCF1178CU Datasheet HTML 8Page - NXP Semiconductors PCF1178CU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Apr 16
3
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1178C
PINNING
SYMBOL
PIN
DESCRIPTION
BP1
1
backplane 1
BP2
2
backplane 2
AM/PM
3
segment driver
A2/ADEG1
4
segment driver
B1/C1
5
segment driver
F2/E2
6
segment driver
G2/D2
7
segment driver
B2/C2
8
segment driver
A4/COL
9
segment driver
F3/E3
10
segment driver
G3/AD3
11
segment driver
B3/C3
12
segment driver
F4/E4
13
segment driver
G4/D4
14
segment driver
B4/C4
15
segment driver
S2
16
minute adjustment input
SEL
17
EEPROM select input
FLASH
18
colon option input
VDD
19
positive supply voltage
ENABLE
20
enable input (for S1 and S2)
TS
21
test speed-up mode input
VPP
22
programming voltage input
MODE
23
12/24-hour mode select input
VSS
24
negative supply voltage
OSC OUT
25
oscillator output
OSC IN
26
oscillator input
DATA
27
EEPROM data input
S1
28
hour adjustment input
Fig.1 Pin configuration, PCF1178CT, (SO28).
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
PCF1178CT
S1
DATA
OSC OUT
SS
MODE
PP
TS
ENABLE
DD
FLASH
SEL
S2
B4/C4
V
V
V
OSC IN
G4/D4
F4/E4
B3/C3
G3/AD3
F3/E3
A4/COL
B2/C2
G2/D2
F2/E2
B1/C1
A2/ADEG1
AM/PM
BP2
BP1
MSB229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20