データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF1178CU/5 データシート(PDF) 14 Page - NXP Semiconductors

部品番号 PCF1178CU/5
部品情報  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1178CU/5 データシート(HTML) 14 Page - NXP Semiconductors

Back Button PCF1178CU/5 Datasheet HTML 10Page - NXP Semiconductors PCF1178CU/5 Datasheet HTML 11Page - NXP Semiconductors PCF1178CU/5 Datasheet HTML 12Page - NXP Semiconductors PCF1178CU/5 Datasheet HTML 13Page - NXP Semiconductors PCF1178CU/5 Datasheet HTML 14Page - NXP Semiconductors PCF1178CU/5 Datasheet HTML 15Page - NXP Semiconductors PCF1178CU/5 Datasheet HTML 16Page - NXP Semiconductors PCF1178CU/5 Datasheet HTML 17Page - NXP Semiconductors PCF1178CU/5 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1997 Apr 16
14
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1178C
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.30
0.10
2.45
2.25
0.49
0.36
0.32
0.23
18.1
17.7
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT136-1
91-08-13
95-01-24
X
14
28
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
c
L
v M A
e
15
1
(A )
3
A
y
0.25
075E06
MS-013AE
pin 1 index
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.71
0.69
0.30
0.29
0.050
1.4
0.055
0.42
0.39
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
0
5
10 mm
scale
SO28: plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20