データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF2103 データシート(PDF) 19 Page - NXP Semiconductors

部品番号 PCF2103
部品情報  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103 データシート(HTML) 19 Page - NXP Semiconductors

Back Button PCF2103 Datasheet HTML 15Page - NXP Semiconductors PCF2103 Datasheet HTML 16Page - NXP Semiconductors PCF2103 Datasheet HTML 17Page - NXP Semiconductors PCF2103 Datasheet HTML 18Page - NXP Semiconductors PCF2103 Datasheet HTML 19Page - NXP Semiconductors PCF2103 Datasheet HTML 20Page - NXP Semiconductors PCF2103 Datasheet HTML 21Page - NXP Semiconductors PCF2103 Datasheet HTML 22Page - NXP Semiconductors PCF2103 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Note
1. X = don’t care.
H=1
Reserved
0000000001
do not use
−
Screen
configuration
000000001L
set screen configuration
3
Display
configuration
00000001
P
Q
set display configuration
3
Icon control
0000001
IM
IB
0
set icon mode (IM), icon blink (IB)
3
Reserved
000001
XXXX
do not use
−
Reserved
0001
XXXXXX
do not use
−
Reserved
0
0
1
XXXXXXX
do not use
−
INSTRUCTION
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
DESCRIPTION
REQUIRED
CLOCK
CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56