| データシートサーチシステム |
|
PCF2105MU/2 データシート(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2105MU/2 データシート(HTML) 15 Page - NXP Semiconductors |
|
15 / 48 page ![]() 1998 Jul 30 15 Philips Semiconductors Product specification LCD controller/driver PCF2105 8.14 Programming of the MUX rate 1 : 16 With the MUX rate 1 : 16 the PCF2105 can be used in the following ways: • To drive a 1-line display of 24 characters • To drive a 2-line display of 12 characters, resulting in better contrast. The internal data flow of the chip is optimized for this purpose. To program the MUX rate 1 : 16, bits M and N of the ‘function set’ instruction must be set to logic 0 (see Table 3). Figures 10, 11 and 12 show the DDRAM addresses of the display characters. The second row of each figure corresponds to either the right half of a 1-line display or to the second line of a 2-line display. Wrap around of data during display shift or when writing data is non-standard. Fig.10 DDRAM-to-display mapping; no shift. handbook, full pagewidth 00 01 02 03 04 05 06 07 08 09 0A 0B 1 23 4 5 67 8 9 10 11 12 MLB899 display position DDRAM address 0C 0D 0E 0F 10 11 12 13 14 15 16 17 13 14 15 16 17 18 19 20 21 22 23 24 display position DDRAM address Fig.11 DDRAM-to-display mapping; right shift. handbook, full pagewidth 4F 00 01 02 03 04 05 06 07 08 09 0A 1 23 4 5 67 8 9 10 11 12 MLB900 display position DDRAM address 0B 0C 0D 0E 0F 10 11 12 13 14 15 16 13 14 15 16 17 18 19 20 21 22 23 24 display position DDRAM address Fig.12 DDRAM-to-display mapping; left shift. handbook, full pagewidth 01 02 03 04 05 06 07 08 09 0A 0B 0C 1 23 4 5 67 8 9 10 11 12 MLB901 display position DDRAM address 0D 0E 0F 10 11 12 13 14 15 16 17 18 13 14 15 16 17 18 19 20 21 22 23 24 display position DDRAM address |