データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PQFP100 データシート(PDF) 8 Page - STMicroelectronics

部品番号 PQFP100
部品情報  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 データシート(HTML) 8 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 4Page - STMicroelectronics PQFP100 Datasheet HTML 5Page - STMicroelectronics PQFP100 Datasheet HTML 6Page - STMicroelectronics PQFP100 Datasheet HTML 7Page - STMicroelectronics PQFP100 Datasheet HTML 8Page - STMicroelectronics PQFP100 Datasheet HTML 9Page - STMicroelectronics PQFP100 Datasheet HTML 10Page - STMicroelectronics PQFP100 Datasheet HTML 11Page - STMicroelectronics PQFP100 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 429 page
background image
8/429
ST92F124/F150/F250 - GENERAL DESCRIPTION
Figure 3. ST92F150C(R/V)1/9: Architectural Block Diagram
256 bytes
Register File
RAM
2/4 Kbytes
ST9 CORE
8/16 bits
CPU
Interrupt
Management
RCCU
Ext. MEM.
ADDRESS
DATA
Port0
Ext. MEM.
ADDRESS
Ports
1,9*
WATCHDOG
AS
DS
RW
WAIT
NMI
DS2
RW*
MISO
MOSI
SCK
SS
A[10:8]
A[21:11]*
A[7:0]
D[7:0]
ST. TIMER
SPI
SDA
SCL
I2C BUS
FLASH
128/64 Kbytes
WDOUT
HW0SW1
STOUT
* Not available on 64-pin version.
Fully
Prog.
I/Os
P0[7:0]
P1[7:3]*
P1[2:0]
P2[7:0]
P3[7:4]
P3[3:1]*
P4[7:4]
P4[3:0]*
P5[7:0]
P6[5:2,0]
P6.1*
P7[7:0]
P8[7:0]*
P9[7:0]*
MF TIMER 0
TINPA0
TOUTA0
TINPB0
TOUTB0
TINPA1
TOUTA1
TINPB1
TOUTB1
INT[5:0]
INT6*
WKUP[13:0]
WKUP[15:14]*
MF TIMER 1
E3 TM
1 Kbyte
OSCIN
OSCOUT
RESET
CLOCK2/8
INTCLK
CK_AF
ADC
AVDD
AVSS
AIN[15:8]
AIN[7:0]
EXTRG
RX0
TX0
CAN_0
VREG
VOLTAGE
REGULATOR
The alternate functions (Italic characters) are mapped on Port 0, Port 1, Port2, Port3, Port4, Port5, Port6, Port7,
Port8* and Port9*.
ICAPA0
OCMPA0
ICAPB0
OCMPB0*
EXTCLK0*
ICAPA1
OCMPA1
ICAPB1
OCMPB1*
EXTCLK1*
EF TIMER 0
EF TIMER 1
SCI M
TXCLK
RXCLK
SIN
DCD
SOUT
CLKOUT
RTS
SCI A*
RDI
TDO
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More