データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NI8-S18-RZ3X データシート(PDF) 3 Page - Turck, Inc.

部品番号 NI8-S18-RZ3X
部品情報  Inductive Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TURCK [Turck, Inc.]
ホームページ  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

NI8-S18-RZ3X データシート(HTML) 3 Page - Turck, Inc.

  NI8-S18-RZ3X Datasheet HTML 1Page - Turck, Inc. NI8-S18-RZ3X Datasheet HTML 2Page - Turck, Inc. NI8-S18-RZ3X Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
3|3
Accessories
QM-18
6945102
Quick-mount bracket with dead-stop;
material: Chrome-plated brass. Male
thread M24 × 1.5. Note: The switching
distance of the proximity switches
may change when using quick-mount
brackets.
BST-18B
6947214
Mounting clamp for threaded barrel
sensors, with dead-stop; material:
PA6
MW-18
6945004
Mounting bracket for threaded barrel
sensors; material: Stainless steel A2
1.4301 (AISI 304)
BSS-18
6901320
Mounting clamp for smooth and
threaded barrel sensors; material:
Polypropylene



Html Pages

1 2 3