| データシートサーチシステム |
|
MCP6031E/MS データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6031E/MS データシート(HTML) 19 Page - Microchip Technology |
|
19 / 30 page ![]() © 2007 Microchip Technology Inc. DS22041A-page 19 MCP6031/2/3/4 6.0 PACKAGING INFORMATION 6.1 Package Marking Information 8-Lead MSOP Example: XXXXXX YWWNNN 6031E 711256 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN MCP6033E SN^^0711 256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 3 e |