| データシートサーチシステム |
|
PCF5083H/F2 データシート(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/F2 データシート(HTML) 35 Page - NXP Semiconductors |
|
35 / 136 page ![]() 1996 Oct 29 35 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 Fig.12 RF-IC interface register set. handbook, full pagewidth D16 QBC = RXSTART_REG QBC = TXSTART_REG QBC = MONSTART_REG RX_REG D0 RFDO D16 TX_REG D0 D16 MON_REG D0 D20 D0 MGE285 M1 M0 SEL1 SEL0 RFCTRL0_REG A0 A3 frequency setting channel gain control channel immediate control channel DAC MUX SHIFT REGISTER QBC = RXSTART_REG QBC = TXSTART_REG QBC = MONSTART_REG RXGAIN_REG D0 DAC TXGAIN_REG D0 QBC matches ACCSTART_REG condition RXON inactive RFDI DAC D16 D16 D16 MONGAIN_REG D0 MSB_REG DAC0_REG D0 D16 DAC1_REG D0 D16 DACON_REG D0 SI_INT + IMC_OBE flag SI_INT + IMC_IBF flag D16 DACOFF_REG D0 D16 M1 M0 SEL1 SEL0 RFCTRL1_REG A0 A3 M1 M0 SEL1 SEL0 RFCTRL2_REG A0 A3 M1 M0 SEL1 SEL0 RFCTRL3_REG A0 A3 INH M1 M0 SEL3 SEL0 IMCOUT_REG D0 D20 IMCOUT_REG TRIGGER MSB LSB |