データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF5083H/5V2/F3 データシート(PDF) 56 Page - NXP Semiconductors

部品番号 PCF5083H/5V2/F3
部品情報  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 データシート(HTML) 56 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 52Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 53Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 54Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 55Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 56Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 57Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 58Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 59Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 136 page
background image
1996 Oct 29
56
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 46 TCH/F9.6
The following table shows the full rate data channel at 9.6 kbit/s. The 4
× 60 data bits shown correspond to
4 modified CCITT V.110 60-bit frames in accordance with
“GSM 04.21”. For non-transparent services those four blocks
shall align with one 240-bit RLP frame. The valid_flag indicates, whether the data block contains valid data
(valid_flag = 1) or not (valid_flag = 0). It is used for DTX.
DESCRIPTION
OFFSET
DOWNLINK DATA
UPLINK DATA
Block size
0
36
33
Valid flag; note
1
1
valid flag
Modified CCITT frame 1
2
rb8 to rb1
rb8 to rb1
3
rb16 to rb9
rb16 to rb9
4
rb24 to rb17
rb24 to rb17
5
rb32 to rb25
rb32 to rb25
6
rb40 to rb33
rb40 to rb33
7
rb48 to rb41
rb48 to rb41
8
rb56 to rb49
rb56 to rb49
9
rb60 to rb57
rb60 to rb57
Modified CCITT frame 2
10
rb8 to rb1
rb8 to rb1
11
rb16 to rb9
rb16 to rb9
12
rb24 to rb17
rb24 to rb17
13
rb32 to rb25
rb32 to rb25
14
rb40 to rb33
rb40 to rb33
15
rb48 to rb41
rb48 to rb41
16
rb56 to rb49
rb56 to rb49
17
rb60 to rb57
rb60 to rb57
Modified CCITT frame 3
18
rb8 to rb1
rb8 to rb1
19
rb16 to rb9
rb16 to rb9
20
rb24 to rb17
rb24 to rb17
21
rb32 to rb25
rb32 to rb25
22
rb40 to rb33
rb40 to rb33
23
rb48 to rb41
rb48 to rb41
24
rb56 to rb49
rb56 to rb49
25
rb60 to rb57
rb60 to rb57
Modified CCITT frame 4
26
rb8 to rb1
rb8 to rb1
27
rb16 to rb9
rb16 to rb9
28
rb24 to rb17
rb24 to rb17
29
rb32 to rb25
rb32 to rb25
30
rb40 to rb33
rb40 to rb33
31
rb48 to rb41
rb48 to rb41
32
rb56 to rb49
rb56 to rb49
33
rb60 to rb57
rb60 to rb57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More