| データシートサーチシステム |
|
PCF8549 データシート(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8549 データシート(HTML) 25 Page - NXP Semiconductors |
|
25 / 36 page ![]() 1997 Nov 21 25 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver PCF8549 15 0 0 0 0 0 0 0 0 Data Write 16 1 1 1 1 1 0 0 0 Data Write 17 0 0 1 0 0 0 0 0 Data Write 18 1 1 1 1 1 0 0 0 Data Write 19 I2C start Restart 20 0 1 1 1 1 0 0 0 Slave address for write 21 1 0 0 0 0 0 0 0 Control byte with set CO bit and D/C set to 0. 22 0 0 0 0 1 1 0 1 Display Control Set inverse video mode (D = 1 and E = 1) 23 1 0 0 0 0 0 0 0 Control byte with set CO bit and D/C set to 0. 24 1 0 0 0 0 0 0 0 Set X address of RAM set address to ‘0000000’ 25 1 1 0 0 0 0 0 0 Control byte with set CO bit and D/C set to 1. 26 0 0 0 0 0 0 0 0 Data Write 27 0 0 0 0 0 0 0 0 Control byte with cleared CO bit and D/C set to 0. 28 1 0 0 0 0 0 0 0 Set X address of RAM Set address to ‘0000000’ 29 0 0 0 0 0 0 0 1 Set Read Modify Write Mode STEP DISPLAY OPERATION DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 |