データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9028 データシート(PDF) 1 Page - Enercon Technologies Europe AG

部品番号 9028
部品情報  Military-Grade, 1GE and 10GE Managed 28-Port Ethernet Router/Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ENERCON [Enercon Technologies Europe AG]
ホームページ  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9028 データシート(HTML) 1 Page - Enercon Technologies Europe AG

  9028 Datasheet HTML 1Page - Enercon Technologies Europe AG 9028 Datasheet HTML 2Page - Enercon Technologies Europe AG 9028 Datasheet HTML 3Page - Enercon Technologies Europe AG 9028 Datasheet HTML 4Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
Ethernet is becoming the standard for IP-based
components in military and commercial applications
on land, sea and air platforms.
The MILTECH9028 is specifically designed for
battlefield C4ISR, voice, video, sensor data acquisition
and communications in platforms that handle large
quantities of real-time data. With 24 triple-speed
(10/100/1000Mbps) ports and 4 10Gbps fiber optic
ports, the MILTECH9028 is ideal for mobile platforms
and shipboard systems that deal with high resolution
video and other data-intensive signaling.
The MILTECH9028 features both L2/L3 network
switching and routing capabilities, including virtual
LANS (VLANS), traffic prioritization/QoS, IPv4/IPv6
support, and bandwidth aggregation. It supports all the
latest networking protocols for redundancy, security,
multicast, and management.
MILTECH™ 9028
Military-Grade, 1GE and 10GE Managed 28-Port Ethernet Router/Switch
FEATURES DESCRIPTION
The MILTECH9028 offers the best performance and
combination of size, weight, and power (SWaP) in the
industry, saving valuable real estate for devices that
make mobile platforms highly effective.
The MILTECH9028 is MIL-STD, fully managed, and
military grade. Its 1GE/10GE transmission speeds and
24VDC power make it instantly compatible with network
devices and power systems. An optional redundant
power connection adds to overall system survivability.
Developed for military and harsh ground applications, the
MILTECH9028’s mechanical packaging enhancements
are designed for MIL-STD-810G airborne and ground
environmental compliance and high reliability. The unit
has been especially hardened to improve ingress, impact,
and shock/vibration protection, as well as eliminate
all moving parts through the use of passive cooling.
Sealed SCE2 Amphenol circular connectors give the
MILTECH9028 an IP67 rating.
SPECIFICATIONS
•
Router/switch layer 3 managed 24x10/100/1000 TX
ports+4x1G/10G fiber ports
ETHERNET PORTS:
•
Wire-speed hardware-based 28 ports gigabit and 10
Gigabit Ethernet switch – L2, L3, L4 Capabilities
•
L3-Routing capabilities:static,RIPV1,V2,OSPF V2/V3 Multi-
cast Routing, VRRP, ECMP Routing
•
Multicasting (IGMP Snooping), GARP, GMRP, MLD and
GVRP up to 8K groups for both IPv4 and IPv6
•
Broadcasting and flooding Control up to 8K Groups
•
802.1q Tagged based VLAN up to 4K VLAN groups
•
Bridge Support for VLAN Q-in-Q , manual tunneling
•
Link Aggregation 802.3ad, up to 16 members in group
•
Link Aggregation mechanism based on L2/ L3/
L4 parameters
•
Jumbo Frame support up to 10K
•
WEB, CLI, Telnet , SNMP V2/V3 management
NETWORKING:


同様の部品番号 - 9028

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
9028 ETC2-9028 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9028 HEYCO-9028 Datasheet
152Kb / 2P
Snap Rivets
9028-P HEYCO-9028-P Datasheet
152Kb / 2P
Snap Rivets
logo
TE Connectivity Ltd
90280-1 TEC-90280-1 Datasheet
111Kb / 4P
Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
AUER Signal GmbH
902800900 AUERSIGNAL-902800900 Datasheet
583Kb / 7P
Eco-Modul 40 Signal tower
More results

同様の説明 - 9028

メーカー部品番号データシート部品情報
logo
Red Lion Controls. Inc
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
logo
ORing Industrial Networ...
RGPS-R9244GP ORING-RGPS-R9244GP Datasheet
2Mb / 6P
Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
Industrial 10-port managed Ethernet switch
IES-3082GC ORING-IES-3082GC Datasheet
1Mb / 4P
10-port managed Ethernet switch
IES-3082GP ORING-IES-3082GP Datasheet
1Mb / 4P
Industrial 10-port managed Ethernet switch
IES-3160 ORING-IES-3160 Datasheet
1Mb / 4P
Industrial 16-port managed Ethernet switch
TES-250-M12 ORING-TES-250-M12 Datasheet
4Mb / 4P
5-port lite-managed Ethernet switch
TES-3080-M12-BP2 ORING-TES-3080-M12-BP2 Datasheet
3Mb / 5P
8-port managed Ethernet switch
TES-3082GT-M12-BP1 ORING-TES-3082GT-M12-BP1 Datasheet
4Mb / 5P
10-port managed Ethernet switch
TES-3162GT-M12-BP1 ORING-TES-3162GT-M12-BP1 Datasheet
3Mb / 5P
18-port managed Ethernet switch
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com