| データシートサーチシステム |
|
LTC6079CDHC データシート(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6079CDHC データシート(HTML) 2 Page - Linear Technology |
|
2 / 20 page ![]() LTC6078/LTC6079 2 60789fa Total Supply Voltage (V+ to V–) ...................................6V Input Voltage...................................................... V– to V+ Output Short Circuit Duration (Note 2) ............ Indefinite Operating Temperature Range (Note 3) LTC6078C, LTC6079C .......................... –40°C to 85°C LTC6078I, LTC6079I ............................ –40°C to 85°C LTC6078H, LTC6079H........................ –40°C to 125°C (Not Available in DFN Package) (Note 1) Specified Temperature Range (Note 4) LTC6078C, LTC6079C .............................. 0°C to 70°C LTC6078I, LTC6079I ............................ –40°C to 85°C LTC6078H, LTC6079H........................ –40°C to 125°C Junction Temperature DFN Packages................................................... 125°C All Other Packages............................................ 150°C Storage Temperature Range DFN Packages.................................... –65°C to 125°C All Other Packages............................. –65°C to 150°C Lead Temperature (Soldering, 10 Sec).................. 300°C ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO TOP VIEW DD PACKAGE 10-LEAD (3mm × 3mm) PLASTIC DFN 10 9 6 7 8 4 5 3 2 1 V+ OUTB –INB +INB SHDN_B OUTA –INA +INA V– SHDN_A B A TJMAX = 125°C, θJA = 43°C/W UNDERSIDE METAL CONNECTED TO V– 1 2 3 4 OUTA –INA +INA V– 8 7 6 5 V+ OUTB –INB +INB TOP VIEW MS8 PACKAGE 8-LEAD PLASTIC MSOP B A TJMAX = 150°C, θJA = 200°C/W ORDER PART NUMBER DD PART MARKING* LTC6078CDD LTC6078IDD LBBB LBBB ORDER PART NUMBER MS8 PART MARKING* LTC6078ACMS8 LTC6078CMS8 LTC6078AIMS8 LTC6078IMS8 LTC6078AHMS8 LTC6078HMS8 LTAJZ LTAJZ LTAJZ LTAJZ LTAJZ LTAJZ 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 OUTD –IND +IND V– +INC –INC OUTC NC OUTA –INA +INA V+ +INB –INB OUTB NC TOP VIEW DHC PACKAGE 16-LEAD (5mm × 3mm) PLASTIC DFN D A C B TJMAX = 125°C, θJA = 43°C/W UNDERSIDE METAL CONNECTED TO V– GN PACKAGE 16-LEAD PLASTIC SSOP 1 2 3 4 5 6 7 8 TOP VIEW 16 15 14 13 12 11 10 9 OUTA –INA +INA V+ +INB –INB OUTB NC OUTD –IND +IND V– +INC –INC OUTC NC D A C B TJMAX = 150°C, θJA = 110°C/W ORDER PART NUMBER DHC PART MARKING* LTC6079CDHC LTC6079IDHC 6079 6079 ORDER PART NUMBER GN PART MARKING LTC6079CGN LTC6079IGN LTC6079HGN 6079 6079I 6079H Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grades and parametric grades are identified by a label on the shipping container. |