データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM324N データシート(PDF) 9 Page - STMicroelectronics

部品番号 LM324N
部品情報  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324N データシート(HTML) 9 Page - STMicroelectronics

Back Button LM324N Datasheet HTML 5Page - STMicroelectronics LM324N Datasheet HTML 6Page - STMicroelectronics LM324N Datasheet HTML 7Page - STMicroelectronics LM324N Datasheet HTML 8Page - STMicroelectronics LM324N Datasheet HTML 9Page - STMicroelectronics LM324N Datasheet HTML 10Page - STMicroelectronics LM324N Datasheet HTML 11Page - STMicroelectronics LM324N Datasheet HTML 12Page - STMicroelectronics LM324N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LM124-LM224-LM324
Typical Single - Supply Applications
9/16
4
Typical Single - Supply Applications
Figure 14. AC coupled inverting amplifier
Figure 15. High input Z adjustable gaind DC
instrumentation amplifier
Figure 16. AC coupled non inverting amplifier
Figure 17. DC summing amplifier
Figure 18. Non-inverting DC gain
Figure 19. Low drift peak detector
if R1 = R5 and R3 = R4 = R6 = R7
e0 =
(e2 -e1)
As shown e0 = 101 (e2 - e1).
1
2R
1
R
2
-----------
+
e0 = e1 +e2 -e3 -e4
Where (e1 +e2) ≥ (e3 +e4)
to keep e0 ≥ 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16