データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMPJ557TR データシート(PDF) 4 Page - InterFET Corporation

部品番号 SMPJ557TR
部品情報  J556, J557 Current Regulator Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERFET [InterFET Corporation]
ホームページ  http://www.interfet.com
Logo INTERFET - InterFET Corporation

SMPJ557TR データシート(HTML) 4 Page - InterFET Corporation

  SMPJ557TR Datasheet HTML 1Page - InterFET Corporation SMPJ557TR Datasheet HTML 2Page - InterFET Corporation SMPJ557TR Datasheet HTML 3Page - InterFET Corporation SMPJ557TR Datasheet HTML 4Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 of 4
www.InterFET.com
J556-7
Document Number: IF35327.R01
InterFET Corporation
November, 2021
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
J556-7
TO-92-2L Mechanical and Layout Data
Package Outline Data
Suggested Through-Hole Layout
1.
All linear dimensions are in millimeters.
2.
Package weight approximately 0.19 grams
3.
Molded plastic case UL 94V-0 rated
4.
Bulk product is shipped in standard ESD shipping
material
5.
Refer to JEDEC standards for additional
information.
1.
All linear dimensions are in millimeters.
2.
The suggested land pattern dimensions have been
provided as a straight lead reference only. A more
robust pattern may be desired for wave soldering
and/or bent lead configurations.



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com