| データシートサーチシステム |
|
VT6103 データシート(PDF) 8 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT6103 データシート(HTML) 8 Page - VIA Technologies, Inc. |
|
8 / 46 page ![]() VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver Revision 1.1 April 15, 2002 -2- Overview Technologies, Inc. We Connect We Connect We Connect We Connect OVERVIEW The VT6103 is a Physical Layer device for Ethernet 10Base-T and 100Base-TX using category 5 Unshielded, Type 1 Shielded, and Fiber Optic cables. This VLSI device is designed for easy implementation of 10 / 100 Mb/s Fast Etherent LANs. It interfaces to a MAC through an MII interface ensuring interoperability between products from different vendors. VT6103 PHY Physical Ethernet Connection VT6102 MAC MII Interface TX+,- RX+,- Straps LEDs MI Interface Boot ROM PCI Bus Serial EEPROM Figure 1. Typical System Block Diagram |