| データシートサーチシステム |
|
VT6102 データシート(PDF) 40 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT6102 データシート(HTML) 40 Page - VIA Technologies, Inc. |
|
40 / 46 page ![]() VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver Revision 1.1 April 15, 2002 -34- Electrical Specifications Technologies, Inc. We Connect We Connect We Connect We Connect Table 7. MI Interface MDIO Output Timing Symbol Parameter Min Typ Max Unit Comment T4 / TMC MDCK Frequency 10 MHz T2 / TMIOS MDIO Input Setup Time 10 ns To MDCK rising edge T3 / TMIOH MDIO Input Hold Time 10 ns To MDCK rising edge T1 / TMOD MDIO Output Delay 0 300 ns To MDCK rising edge T4 T1 T1 T1 T1 T3 T3 T3 T3 MDC MDC MDC MDC MDIO MDIO MDIO MDIO (OUTPUT) (OUTPUT) (OUTPUT) (OUTPUT) T2 T2 T2 T2 MDC MDC MDC MDC Valid Data Valid Data Valid Data Valid Data MDIO MDIO MDIO MDIO (INPUT) (INPUT) (INPUT) (INPUT) Figure 6. MI Interface MDIO Timing Table 8. MI Interface MDIO Interrupt Pulse Timing Symbol Parameter Min Typ Max Unit Comment T1 MDCK to MDIO Interrupt Pulse Asertion Delay 10 ns T2 MDCK to MDIO Interrupt Pulse Deassertion Delay 10 ns Interrupt Event Event Event Event MDC MDC MDC MDC MDIO MDIO MDIO MDIO (OUTPUT) (OUTPUT) (OUTPUT) (OUTPUT) T1 T1 T1 T1 T2 T2 T2 T2 Figure 7. MI Interface MDIO Interrupt Pulse Timing |