| データシートサーチシステム |
|
PCF8577CT データシート(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8577CT データシート(HTML) 22 Page - NXP Semiconductors |
|
22 / 28 page ![]() 1998 Jul 30 22 Philips Semiconductors Product specification LCD direct/duplex driver with I2C-bus interface PCF8577C UNIT A1 A2 A3 bp cD(1) E(2) Z (1) eHE LLp Qy w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ mm inches 0.3 0.1 2.45 2.25 0.25 0.42 0.30 0.22 0.14 15.6 15.2 7.6 7.5 0.762 2.25 12.3 11.8 1.15 1.05 0.6 0.3 7 0 o o 0.1 0.1 DIMENSIONS (inch dimensions are derived from the original mm dimensions) Notes 1. Plastic or metal protrusions of 0.4 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. 1.7 1.5 SOT158-1 92-11-17 95-01-24 X w M θ A A1 A2 b p D HE L p Q detail X E Z e c L v M A (A ) 3 A y 40 20 21 1 pin 1 index 0.012 0.004 0.096 0.089 0.017 0.012 0.0087 0.0055 0.61 0.60 0.30 0.29 0.03 0.089 0.48 0.46 0.045 0.041 0.024 0.012 0.004 0.2 0.008 0.004 0.067 0.059 0.010 0 5 10 mm scale VSO40: plastic very small outline package; 40 leads SOT158-1 A max. 2.70 0.11 |