| データシートサーチシステム |
|
PCF8579 データシート(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8579 データシート(HTML) 18 Page - NXP Semiconductors |
|
18 / 40 page ![]() 1997 Apr 01 18 Philips Semiconductors Product specification LCD column driver for dot matrix graphic displays PCF8579 8.1 Command decoder The command decoder identifies command bytes that arrive on the I2C-bus. The most significant bit of a command is the continuation bit C (see Fig.12). When this bit is set, it indicates that the next byte to be transferred will also be a command. If the bit is reset, it indicates the conclusion of the command transfer. Further bytes will be regarded as display data. Commands are transferred in WRITE mode only. The five commands available to the PCF8579 are defined in Tables 2 and 3. C = 0; last command. C = 1; commands continue. Fig.12 General format of command byte. MSA833 REST OF OPCODE C MSB LSB Table 2 Summary of commands Note 1. C = command continuation bit. D = may be a logic 1 or 0. COMMAND OPCODE(1) DESCRIPTION SET MODE C 1 0 DDDDD multiplex rate, display status, system type SET START BANK C 1 1111D D defines bank at top of LCD DEVICE SELECT C 1 1 0 DDDD defines device subaddress RAM ACCESS C 1 1 1 DDDD graphic mode, bank select (D D D D ≥ 12 is not allowed; see SET START BANK opcode) LOAD X-ADDRESS C 0 DDDDDD0 to 39 |