| データシートサーチシステム |
|
PCF8591 データシート(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8591 データシート(HTML) 16 Page - NXP Semiconductors |
|
16 / 28 page ![]() 1998 Jul 02 16 Philips Semiconductors Product specification 8-bit A/D and D/A converter PCF8591 9 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). 10 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC12 under “Handling MOS Devices”. SYMBOL PARAMETER MIN. MAX. UNIT VDD supply voltage (pin 16) −0.5 +8.0 V VI input voltage (any input) −0.5 VDD + 0.5 V II DC input current −±10 mA IO DC output current −±20 mA IDD, ISS VDD or VSS current −±50 mA Ptot total power dissipation per package − 300 mW PO power dissipation per output − 100 mW Tamb operating ambient temperature −40 +85 °C Tstg storage temperature −65 +150 °C |