データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT83SND2CMP3 データシート(PDF) 66 Page - ATMEL Corporation

部品番号 AT83SND2CMP3
部品情報  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 データシート(HTML) 66 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 62Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 63Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 64Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 65Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 66Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 67Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 68Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 69Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 97 page
background image
66
AT83SND2CMP3
7524B–MP3–05/06
Interrupt
Description
As shown in Figure 56, the MMC controller implements eight interrupt sources reported
in MCBI, EORI, EOCI, EOFI, F2FI, F1FI, and F2EI flags in MMCINT register. These
flags are detailed in the previous sections.
All these sources are maskable separately using MCBM, EORM, EOCM, EOFM, F2FM,
F1FM, and F2EM mask bits respectively in MMMSK register.
The interrupt request is generated each time an unmasked flag is set, and the global
MMC controller interrupt enable bit is set (EMMC in IEN1 register).
Reading the MMINT register automatically clears the interrupt flags (acknowledgment).
This implies that register content must be saved and tested interrupt flag by interrupt
flag to be sure not to forget any interrupts.
Figure 56.
MMC Controller Interrupt System
MMC Interface
Interrupt Request
MCBI
MMINT.7
EOCM
MMMSK.5
EMMC
IEN1.0
MCBM
MMMSK.7
EORM
MMMSK.6
EOFI
MMINT.4
F2FM
MMMSK.3
EOFM
MMMSK.4
EORI
MMINT.6
F2FI
MMINT.3
EOCI
MMINT.5
F2EM
MMMSK.1
F1FM
MMMSK.2
F1EI
MMINT.0
F1EM
MMMSK.0
F1FI
MMINT.2
F2EI
MMINT.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97