| データシートサーチシステム |
|
PCK2000MDB データシート(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCK2000MDB データシート(HTML) 5 Page - NXP Semiconductors |
|
5 / 12 page ![]() Philips Semiconductors Product specification PCK2000M CK97 (66/100MHz) Mobile System Clock Generator 1998 Sep 29 5 ABSOLUTE MAXIMUM RATINGS1, 2 In accordance with the Absolute Maximum Rating System (IEC 134) Voltages are referenced to VSS (VSS = 0V) SYMBOL PARAMETER CONDITION LIMITS UNIT SYMBOL PARAMETER CONDITION MIN MAX UNIT VDD3 DC 3.3V core supply voltage –0.5 +4.6 V VDDQ3 DC 3.3V I/O supply voltage –0.5 +4.6 V VDDQ2 DC 2.5V I/O supply voltage –0.5 +3.6 V IIK DC input diode current VI < 0 –50 mA VI DC input voltage Note 2 –0.5 5.5 V IOK DC output diode current VO > VCC or VO < 0 ±50 mA VO DC output voltage Note 2 –0.5 VCC + 0.5 V IO DC output source or sink current VO >= 0 to VCC ±50 mA TSTG Storage temperature range –65 +150 °C PTOT Power dissipation per package plastic medium-shrink (SSOP) For temperature range: –40 to +125 °C above +55 °C derate linearly with 11.3mW/K 850 mW NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER CONDITIONS LIMITS UNIT SYMBOL PARAMETER CONDITIONS MIN MAX UNIT VDD3 DC 3.3V core supply voltage Note 1 3.135 3.465 V VDDQ3 DC 3.3V I/O supply voltage Note 2 3.135 3.465 V VDDQ2 DC 2.5V I/O supply voltage Note 3 2.135 2.625 V VI DC input voltage range 0 VDD3 V VO DC output voltage range 0 VDDQ2 VDDQ3 V Tamb Operating ambient temperature range in free air 0 +70 °C NOTES: 1. VDD3 = VDDCORE1 = VDDCORE2 = 3.3V 2. VDDQ3 = VDDREF = VDDPCI0 = 3.3V 3. VDDQ2 = VDDCPU0 = VDDCPU1 = 2.5V |