| データシートサーチシステム |
|
ZHT431C01STZ データシート(PDF) 3 Page - Zetex Semiconductors |
|
|
|||||||||||||||||||||||||||||
ZHT431C01STZ データシート(HTML) 3 Page - Zetex Semiconductors |
|
3 / 12 page ![]() ZHT431 Issue 5 - October 2006 3 www.zetex.com © Zetex Semiconductors plc 2006 Electrical characteristics test conditions (unless otherwise stated):Tamb=25°C Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference input voltage over the full temperature range. The average temperature coefficient of the reference input voltage, VREF is defined as: The dynamic output impedance, RZ, is defined as: When the device is programmed with two externalresistors, R1 and R2, (fig 2) , the dynamic outputimpedance of the overall circuit, R’, is defined as: Symbol Parameter Value Units Conditions Min. Typ. Max. VREF Reference voltage 2% 2.45 2.50 2.55 V IL=10mA (Fig.1), VZ=VREF 1% 2.475 2.50 2.525 V VDEV Deviation of reference input voltage over temperature 10 30 mV IL=10mA, VZ=VREF Tamb=full range (Fig1) Ratio of the change in reference voltage to the change in cathode voltage -1.85 -2.7 mV/V VZ from VREF to 10V IZ=10mA (Fig.2) -1.0 -2.0 mv/V VZ from 10V to 20V IZ=10mA (Fig.2) IREF Reference input current 0.12 1.0 A R1=10k, R2=O/C, lL=10mA (Fig.2) IREF Deviation of reference input current over temperature 0.04 0.2 A R1=10k, R2=O/C, IL=10mA Tamb=full range (Fig.2) IZmin Minimum cathode current for regulation 35 50 AVZ=VREF (Fig.1) IZoff Off-state current 0.1 AVZ=20V, VREF=0V(Fig.3) RZ Dynamic output impedance 0.75 VZ=VREF (Fig.1), f=0Hz, IC=1mA to 100mA ∆V REF ∆V Z ----------------- Vmax Vmin T1 T2 Vdev =Vmax -Vmin Temperature V REF ppm °C -------------⎠ ⎞ ⎝ ⎛ V DEV x 1000000 V REF T1 T2 – () ------------------------------------------ = R Z ∆V Z ∆I Z ---------- = R ′ R Z 1 R1 R2 ------- + () = |