| データシートサーチシステム |
|
XN-DCPWR-750W-R データシート(PDF) 6 Page - Extreme Networks. |
|
|
|||||||||||||||||||||||||||||
XN-DCPWR-750W-R データシート(HTML) 6 Page - Extreme Networks. |
|
6 / 7 page ![]() Part Number Product Name Product Description XN-FAN-001-R Back to Front Fan Single Fan module, Back-to-Front Airflow supported on X695 XN-ACPWR-750W-F 750W AC PSU Front to Back airflow AC 750W PSU, Front-to-Back Airflow supported on X695 XN-ACPWR-750W-R 750W AC PSU Back to Front airflow AC 750W PSU, Back-to-Front Airflow supported on X695 XN-DCPWR-750W-F 750W DC PSU Front to Back airflow DC 750W PSU, Front-to-Back Airflow supported on X695 XN-DCPWR-750W-R 750W DC PSU Back to front airflow DC 750W PSU, Back-to-Front Airflow supported on X695 XN-2P-RKMT299 Two Post Rail Kit Spare two post rack mount kit supported on X695 XN-4P-RKMT298 Four Post Rail Kit Spare four post rack mount rail kit supported on X695 10965 LRM/MACsec Adapter LRM/MACsec Adapter, includes two host cables for host switch connection, and USB cable for optional power connection. Requires MACsec license on host switch. 10966 5-Unit Rack Mount Kit Optional rack mount bracket for LRM/MACsec Adapter. Holds five units in 1RU. Software Licenses Part Number Product Name Product Description EXOS-CORE-FP-X695 EXOS Core Feature Pack Core Feature Pack License for X695 (Includes Integrated Application Hosting) EXOS-MACSEC-FP-X695 X695 MACsec Feature Pack MACsec Feature Pack for the X695. Enables MACsec when used with LRM/MACsec Adapter (10965) 17133 X695 MPLS Feature Pack MPLS Feature Pack License for the X695 www.extremenetworks.com 6 |