データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC3683 データシート(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC3683
部品情報  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 データシート(HTML) 50 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 46Page - Texas Instruments ADC3683 Datasheet HTML 47Page - Texas Instruments ADC3683 Datasheet HTML 48Page - Texas Instruments ADC3683 Datasheet HTML 49Page - Texas Instruments ADC3683 Datasheet HTML 50Page - Texas Instruments ADC3683 Datasheet HTML 51Page - Texas Instruments ADC3683 Datasheet HTML 52Page - Texas Instruments ADC3683 Datasheet HTML 53Page - Texas Instruments ADC3683 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
8.5.2 Layout Example
The following screen shot shows the top layer of the ADC3683EVM (QFN package). The same layout
recommendation apply to the device.
• Signal and clock inputs are routed as differential signals on the top layer avoiding vias.
• SLVDS output interface lanes are routed differential and length matched
• Bypass caps are close to the VREF pin on the top layer avoiding vias.
SLVDS routed tightly
coupled and length matched
Bypass caps on VREF close
to the pins and no vias
Analog inputs on
top layer (no vias)
Clock routing
without vias
Figure 8-10. Layout example: top layer of ADC3683EVM
ADC3683-SP
SBASAB5 – MARCH 2024
www.ti.com
50
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70