データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADS6445 データシート(PDF) 59 Page - STMicroelectronics

部品番号 ADS6445
部品情報  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6445 データシート(HTML) 59 Page - STMicroelectronics

Back Button ADS6445 Datasheet HTML 55Page - STMicroelectronics ADS6445 Datasheet HTML 56Page - STMicroelectronics ADS6445 Datasheet HTML 57Page - STMicroelectronics ADS6445 Datasheet HTML 58Page - STMicroelectronics ADS6445 Datasheet HTML 59Page - STMicroelectronics ADS6445 Datasheet HTML 60Page - STMicroelectronics ADS6445 Datasheet HTML 61Page - STMicroelectronics ADS6445 Datasheet HTML 62Page - STMicroelectronics ADS6445 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
www.ti.com
2-WIRE INTERFACE - 14
× SERIALIZATION
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
The 14-bit ADC data is serialized and output over two LVDS pairs. A frame clock at 1
× sample frequency is also
available with an SDR bit clock. With DDR bit clock option, the frame clock frequency is 0.5
× sample frequency.
The output data rate will be 7
× sample frequency as 7 data bits are output every clock cycle on each wire. Each
ADC sample is sent over the 2 wires as byte-wise or bit-wise or word-wise.
59
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75