| データシートサーチシステム |
|
6440 データシート(PDF) 13 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
6440 データシート(HTML) 13 Page - Christian Bürkert GmbH & Co. KG |
|
13 / 21 page ![]() Type 6440 13 | 21 Visit product website Flange connection diagram Note: • Dimensions in mm • P = Inlet, A = Outlet • The flow openings (P) of the valve body and connection block must be arranged one above the other in order to achieve the K V value specified in the data sheet. If this is not the case, minor restrictions in the K V value may occur. Connection contour FK14 DN 6 Connection contour FK17 49.5 12 R14.75 R8.5 A P 46 7 6.2 10 A P 46 8.2 22.8 A P 49.5 12 R14.75 R8.5 A P 46 7 6.2 10 A P 46 8.2 22.8 A P Connection contour FK14 DN 8 49.5 12 R14.75 R8.5 A P 46 7 6.2 10 A P 46 8.2 22.8 A P |