| データシートサーチシステム |
|
DP83848C データシート(PDF) 67 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83848C データシート(HTML) 67 Page - National Semiconductor (TI) |
|
67 / 82 page ![]() 67 www.national.com 8.2.7 100BASE-TX Transmit Packet Deassertion Timing Note: Deassertion is determined by measuring the time from the first rising edge of TX_CLK occurring after the deasser- tion of TX_EN to the first bit of the “T” code group as output from the PMD Output Pair. 1 bit time = 10 ns in 100 Mb/s mode. Parameter Description Notes Min Typ Max Units T2.7.1 TX_CLK to PMD Output Pair Deassertion 100 Mb/s Normal mode 6 bits TX_CLK TXD TX_EN PMD Output Pair (T/R) DATA IDLE T2.7.1 (T/R) DATA IDLE |