データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B41691 データシート(PDF) 13 Page - EPCOS

部品番号 B41691
部品情報  Axial-lead and soldering star capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

B41691 データシート(HTML) 13 Page - EPCOS

Back Button B41691 Datasheet HTML 6Page - EPCOS B41691 Datasheet HTML 7Page - EPCOS B41691 Datasheet HTML 8Page - EPCOS B41691 Datasheet HTML 9Page - EPCOS B41691 Datasheet HTML 10Page - EPCOS B41691 Datasheet HTML 11Page - EPCOS B41691 Datasheet HTML 12Page - EPCOS B41691 Datasheet HTML 13Page - EPCOS B41691 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Topic
Safety information
Reference
Chapter "General
technical information"
Soldering,
cleaning agents
Do not allow halogenated hydrocarbons to come
into contact with aluminum electrolytic capacitors.
11.6
"Cleaning agents"
Passive
flammability
Avoid external energy, such as fire or electricity.
8.1
"Passive flammability"
Active
flammability
Avoid overload of the capacitors.
8.2
"Active flammability"
Reference
Chapter "Capacitors
with screw terminals"
Breakdown strength
of insulating
sleeves
Do not damage the insulating sleeve, especially
when ring clips are used for mounting.
"Screw terminals -
accessories"
B41691, B41791
Long useful life
up to 150
°C
Page 13 of 14
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14