| データシートサーチシステム |
|
2012 データシート(PDF) 5 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2012 データシート(HTML) 5 Page - Christian Bürkert GmbH & Co. KG |
|
5 / 21 page ![]() Type 8652 5 | 21 Visit product website 2. Circuit functions 2.1. Standard functions Symbol Description 4 1 5 14 2 1 3 12 Circuit function C (CF C) 2 x 3/2-way solenoid valve Servo-controlled, with manual override Normally closed 4 1 5 14 2 1 3 12 Circuit function D (CF D) 2 x 3/2-way solenoid valve Servo-controlled, with manual override Normally open 14 12 4 2 5 1 3 Circuit function H (CF H) 5/2-way solenoid valve Servo-controlled, with manual override Pressure applied via port (1), therefore one of the two ports (2) or (4) is under pressure. 14 12 4 2 5 1 3 Circuit function L (CF L) 5/3-way solenoid valve With manual override In middle position all ports locked 5 1 3 14 12 4 2 Circuit function M (CF M) 5/3-way solenoid valve With manual override In middle position ports 2 and 4 ventilated 14 12 4 2 5 1 3 Circuit function N (CF N) 5/3-way solenoid valve With manual override In middle position ports 2 and 4 exhausted 14 12 4 2 5 1 3 Circuit function Z (CF Z) 5/2-way solenoid valve Impulse version with 2 coils and manual override Pressure applied via port (1), therefore one of the two ports (2) or (4) is under pressure. 2.2. SIA variant Symbol Description 4 1 5 14 2 1 3 12 Circuit function C (CF C) 2 x 3/2-way solenoid valve Servo-controlled Normally closed 14 12 4 2 5 1 3 Circuit function H (CF H) 5/2-way solenoid valve Servo-controlled Pressure applied via port (1), therefore one of the two ports (2) or (4) is under pressure. 14 12 4 2 5 1 3 Circuit function L (CF L) 5/3-way solenoid valve In middle position all ports locked |